Part Number Hot Search : 
LV1017 LA112B L6238S 2SK3419 VF2010 AKD4345 ML520G54 SI850X
Product Description
Full Text Search
 

To Download MSM27C402CZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Semiconductor
MSM27C402CZ
262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
DESCRIPTION
1A
The MSM27C402CZ is a 4Mbit electrically Programmable Read-Only Memory whose configuration can be electrically switched between 262,144 word x 16bit and 524,288 word x 8bit. The MSM27C40 2CZ operates on a single +3.3V - 5V power supply and is TTL compatible. Since the MSM27C402 CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The MSM27C402CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 40-pin DIP , 40-pin SOP or 44-pin TSOP packages.
FEATURES
* 262,144 word x 16bit / 524,288 word x 8bit electrically switchable configuration * Single +3.3V - 5V power supply * Access time 120ns (Vcc=3.3V) 80ns (Vcc=5V) * Input / Output TTL compatible * Three-state output * Packages 40-pin plastic DIP (DIP40-P-600-2.54) 40-pin plastic SOP (SOP40-P-525-1.27-K) 44-pin plastic TSOP (TSOP II 44-P-400-0.80-K)
1
MSM27C402CZ
PIN CONFIGURATION (TOP VIEW)
NC 1 NC 2 A17 1 A7 2 A6 3 A5 4 A4 5 A3 6 A2 7 A1 8 A0 9 CE 10 VSS 11 OE 12 D0 13 D8 14 D1 15 D9 16 D2 17 D10 18 D3 19 D11 20 40 A8 39 A9 38 A10 37 A11 36 A12 35 A13 34 A14 33 A15 32 A16 31 BYTE/Vpp 30 VSS 29 D15/A-1 28 D7 27 D14 26 D6 25 D13 24 D5 23 D12 22 D4 21 VCC 40-pin DIP A17 1 A7 2 A6 3 A5 4 A4 5 A3 6 A2 7 A1 8 A0 9 CE 10 VSS 11 OE 12 D0 13 D8 14 D1 15 D9 16 D2 17 D10 18 D3 19 D11 20 40 A8 39 A9 38 A10 37 A11 36 A12 35 A13 34 A14 33 A15 32 A16 31 BYTE/Vpp 30 VSS 29 D15/A-1 28 D7 27 D14 26 D6 25 D13 24 D5 23 D12 22 D4 21 VCC 40-pin SOP A17 3 A7 4 A6 5 A5 6 A4 7 A3 8 A2 9 A1 10 A0 11 CE 12 VSS 13 OE 14 D0 15 D8 16 D1 17 D9 18 D2 19 D10 20 D3 21 D11 22
44 NC 43 NC 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16 33 BYTE/Vpp 32 VSS 31 D15/A-1 30 D7 29 D14 28 D6 27 D13 26 D5 25 D12 24 D4 23 VCC 44-pin TSOP
PIN NAMES D15/A-1 A0 - A17 D0 - D14 CE OE VCC VSS BYTE/VPP NC Address input Data output Chip enable Output enable
FUNCTIONS Data output / Address input
Power supply voltage GND Mode switch / Program power supply voltage Non connection
2
MSM27C402CZ
BLOCK DIAGRAM
A-1
X8/X16 Switch
CE
OE
BYTE/VPP
CE
OE
PGM
Column Decoder
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17
Row Decoder
Memory Matrix
Address Buffer
262,144X16-Bit or 524,288X8-Bit
Multiplexer
Output Buffer
D0 D1
D2 D3
D4 D5
D6 D7
D8
D10 D9
D12
D14 D15
D11
D13
In 8-bit output mode, these pins are three-stated and pin D15 functions as the A-1 address pin.
FUNCTION TABLE
MODE READ (16-Bit) READ (8-Bit) OUTPUT DISABLE STAND-BY PROGRAM PROGRAM INHIBIT PROGRAM VERIFY * : Don't Care 3 CE L L L H L H H OE BYTE/VPP L L H * H H L 11.5V 6.25V H L H L H L 3.0V to 5.5V DOUT VCC D0 - D7 D8 - D14 DOUT Hi-Z Hi-Z * Hi-Z * DIN Hi-Z DOUT D15/A-1 L/H
MSM27C402CZ
ABSOLUTE MAXIMUM RATINGS
Parameter Operating temperature under bias Storage temperature Input voltage Output voltage Power supply voltage Program power supply voltage Power dissipation per package Symbol Topr Tstg VI VO VCC VPP PD relative to VSS Condition Value 0 to 70 -55 to 125 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 -0.5 to 7 -0.5 to 12.5 1.0 Unit
C C
V V V V W
RECOMMENDED OPERATING CONDITIONS FOR READ
(Ta=0 to 70C) Parameter VCC power supply voltage VPP power supply voltage Input "H" level Input "L" level Voltage is relative to Vss Symbol VCC VPP VIH VIL VCC=3.0V - 5.5V Condition Min. 3.0 -0.5 2.2 -0.5 Typ. Max. 5.5 VCC+0.5 VCC+0.5 0.6 Unit V V V V
4
MSM27C402CZ
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics 1 (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH tc=120ns VPP=VCC IOH=-200A IOL=1mA Min. 2.0 -0.5 VCC-0.4 Typ. Max. 10 10 10 1 40 10 VCC+0.5 0.6 0.4 Unit A A A mA mA A V V V V
DC Characteristics 2 (VCC=5V0.5V, Ta=0 to 70C) Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Read) VPP power supply current Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to Vss Symbol ILI ILO ICS1 ICS2 ICCA IPP VIH VIL VOH VOL tc=80ns VPP=VCC IOH=-400A IOL=2.1mA Condition VI=0 to Vcc VO=0 to Vcc CE=VCC CE=VIH CE=VIL , OE=VIH Min. 2.2 -0.5 2.4 Typ. Max. 10 10 50 1 70 10 VCC+0.5 0.8 0.45 Unit A A A mA mA A V V V V
5
MSM27C402CZ
AC Characteristics 1 (VCC=3.3V0.3V, Ta=0 to 70C) Parameter Access cycle time Address access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 120 0 0 0 Max. 120 120 70 60 55 Unit ns ns ns ns ns ns ns
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 100pF 0.8V/2.0V 1.7V
400 Output 100pF (including jig capacitance)
AC Characteristics 2 (VCC=5V0.5V, Ta=0 to 70C) Parameter Access cycle time Address access time CE access time OE access time Output disable time Output hold time Symbol TC TACC TCE TOE TCHZ TOHZ TOH Condition CE=OE=VIL OE=VIL CE=VIL OE=VIL CE=VIL CE=OE=VIL Min. 80 0 0 0 Max. 80 80 50 40 35 Unit ns ns ns ns ns ns ns
Measurement conditions Input signal level Input timing reference level Output load Output timing reference level
0V/3V 0.8V/2.0V 1TTL gate + 100pF 0.8V/2.0V 1.7V
400 Output 100pF (including jig capacitance)
6
MSM27C402CZ
TIMING CHART (READ CYCLE) 16-Bit Read Mode (BYTE=VIH) tC A0 - A17 tCE CE tOH
tOE OE tACC D0 - D15 Hi-Z
tCHZ
tOHZ Valid Data Hi-Z
8-Bit Read Mode (BYTE=VIL) tC A-1 - A17 tCE CE tOH
tOE OE tACC D0 - D7 Hi-Z
tCHZ
tOHZ Valid Data Hi-Z
D8 - D14 Hi-Z 7
MSM27C402CZ
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics (Ta=25C5C) Parameter Input leakage current VPP power supply current (Program) VCC power supply current Input "H" level Input "L" level Output "H" level Output "L" level Program voltage VCC power supply voltage Voltage is relative to Vss Symbol ILI IPP2 ICC VIH VIL VOH VOL VPP VCC Condition VI=VCC+0.5V CE=VIL IOH=-400A IOL=2.1mA Min. 2.2 -0.5 2.4 11.25 6.0 Typ. 11.5 6.25 Max. 10 50 80 VCC+0.5 0.8 0.45 11.75 6.5 Unit A mA mA V V V V V V
AC Characteristics (Vcc=6.25V0.25V,Vpp=11.5V0.25V,Ta=25C5C) Parameter Address set-up time OE set-up time Data set-up time Address hold time Data hold time Output float delay from OE VPP voltage set-up time Program pulse width Data valid from OE Symbol TAS TOES TDS TAH TDH TDFP TVS TPW TOE Condition Min. 2 2 2 0 2 0 2 23 Typ. 25 Max. 130 27 150 Unit s s s s s ns s s ns
8
MSM27C402CZ
Programming Waveform
A0 - A17 tAS CE tOES OE tDS tDH tDFP tPW tAH
tOE D0 - D15 tVS BYTE/VPP DIN DOUT
Program
Program Verify
PIN Capacitance (VCC=5V, Ta=25C, f=1MHz) Parameter Input BYTE/VPP Output Symbol CIN1 CIN2 COUT Condition VI=0V VO=0V Min. Typ. Max. 12 60 15 Unit pF
9
MSM27C402CZ
High Speed Programming Algorithm ( I ) Start
First Address VCC=6.25V VPP=11.5V
X=0
X=10 ? NO Increment Address Program 25s
YES
X=X+1
NG
Verify (One Byte) PASS
NO
Last Address ? YES VCC=5.5V VPP=5.5V
Compare All PASS VCC=4.5V VPP=4.5V
NG
Compare All PASS Device Passed
NG
Device Failed
10
MSM27C402CZ
High Speed Programming Algorithm ( II ) Start
First Address VCC=6.25V VPP=11.5V
Program 25s
Increment Address
NO Last Address ? YES First Address
X=0
Verify (One Byte) PASS NO Increment Address
NG
X=X+1
YES Last Address ? YES VCC=5.5V VPP=5.5V X=10 ? NO Program 25s
Compare All PASS VCC=4.5V VPP=4.5V
NG
Compare All PASS Device Passed
NG
Device Failed
11
Semiconductor
NOTICE
The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-todate. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system orapplication that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents cotained herein may be reprinted or reproduced without our prior permission. All brand, company and product names are the trademarks or registered trademarks of their respective owners.
Copyright 1998 Oki Electric Industry Co., Ltd.
ADDRESSES & SEMICONDUCTOR WEB SITES
Ltd., OKI Electric Industry Co., Ltd. Device Business Group, 10-3, Shibaura, 4-chome, Minato-ku, Tokyo 108, Japan, Tel.: +81-(0)3-5445-6327, Fax.: +81-(0)3-5445-6328, http://www.oki.co.jp/OKI/DBG/english/index.htm (NOTE: URL is case sensitive) Group, OKI Semiconductor Group 785 North Mary Avenue, Sunnyvale, CA 94086, U.S.A., Tel.: +1-408-720-1900, Fax.: +1-408-720-1918, http://www.okisemi.com/ GmbH, OKI Electric Europe GmbH Head Office Europe, Hellersbergstrasse 2, D-41460 Neuss, Germany, Tel: +49-2131-15960, Fax: +49-2131-103539, http://www.oki-europe.de/ Ltd., OKI Electronics (Hong Kong) Ltd. Suite 1901-1&19, Tower 3, China Hong Kong City, 33 Canton Road, Tsimshatsui, Kowloon, Hong Kong, Tel.: +852-2-736-2336, Fax.: +852-2-736-2395 Ltd., OKI Semiconductor (Asia) Pte. Ltd. 78 Shenton Way 09-01, Singapore 0207, Tel.: +65-221-3722, Fax.: +65-323-5376 Ltd., OKI Semiconductor (Asia) Pte. Ltd. Taipei Branch, 7th Fl. No.260, Tun Hwa North Road, Taipei, Taiwan, R.O.C., Sumitomo-Flysun Building, Tel.: +886-2-2719-2561, Fax.: +886-2-2715-2892 http://www.oki.net.tw/
For further information, please contact:
People To People Technology


▲Up To Search▲   

 
Price & Availability of MSM27C402CZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X